Part Number Hot Search : 
MODEL BDY58 12012 GL34J ENA0125B SPP4953A MX826J GL652USB
Product Description
Full Text Search
 

To Download 2N4402 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2N4402
Discrete POWER & Signal Technologies
2N4402
C
BE
TO-92
PNP General Purpose Amplifier
This device is designed for use as general purpose amplifiers and switches requiring collector currents to 500 mA. Sourced from Process 63. See PN2907A for characteristics.
Absolute Maximum Ratings*
Symbol
VCEO VCBO VEBO IC TJ, Tstg Collector-Emitter Voltage Collector-Base Voltage Emitter-Base Voltage Collector Current - Continuous
TA = 25C unless otherwise noted
Parameter
Value
40 40 5.0 800 -55 to +150
Units
V V V mA C
Operating and Storage Junction Temperature Range
*These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
NOTES: 1) These ratings are based on a maximum junction temperature of 150 degrees C. 2) These are steady state limits. The factory should be consulted on applications involving pulsed or low duty cycle operations.
Thermal Characteristics
Symbol
PD RJC RJA
TA = 25C unless otherwise noted
Characteristic
Total Device Dissipation Derate above 25C Thermal Resistance, Junction to Case Thermal Resistance, Junction to Ambient
Max
2N4402 625 5.0 83.3 200
Units
mW mW/C C/W C/W
(c) 1997 Fairchild Semiconductor Corporation
2N4402
PNP General Purpose Amplifier
(continued)
Electrical Characteristics
Symbol Parameter
TA = 25C unless otherwise noted
Test Conditions
Min
Max
Units
OFF CHARACTERISTICS
V(BR)CEO V(BR)CBO V(BR)EBO ICEX IBL Collector-Emitter Breakdown Voltage* Collector-Base Breakdown Voltage Emitter-Base Breakdown Voltage Collector Cutoff Current Base Cutoff Current I C = 1.0 mA, IB = 0 I C = 100 A, IE = 0 I E = 100 A, I C = 0 VCE = 35 V, VEB = 0.4 V VCE = 35 V, VEB = 0.4 V 40 40 5.0 0.1 0.1 V V V A A
ON CHARACTERISTICS*
hFE DC Current Gain VCE = 1.0 V, IC = 1.0 mA VCE = 1.0 V, IC = 10 mA VCE = 2.0 V, IC = 150 mA VCE = 2.0 V, IC = 500 mA IC = 150 mA, I B = 15 mA IC = 500 mA, I B = 50 mA IC = 150 mA, I B = 15 mA IC = 500 mA, I B = 50 mA 30 50 50 20 150 0.40 0.75 0.95 1.30 V V V V
VCE(sat) VBE(sat)
Collector-Emitter Saturation Voltage Base-Emitter Saturation Voltage
0.75
SMALL SIGNAL CHARACTERISTICS
Cob Cib hfe hfe hie hre hoe Output Capacitance Input Capacitance Small-Signal Current Gain Small-Signal Current Gain Input Impedance Voltage Feedback Ratio Output Admittance VCB = 10 V, f = 140 kHz VEB = 0.5 V, f = 140 kHz IC = 20 mA, VCE = 10 V, f = 100 MHz IC = 1.0 mA, VCE = 10 V, f = 1.0 kHz 1.5 30 0.75 0.10 1.0 250 7.5 8.0 100 k x10 mhos
-4
8.5 30
pF pF
SWITCHING CHARACTERISTICS
td tr ts tf Delay Time Rise Time Storage Time Fall Time VCC = 30 V, IC =150 mA, I B1 = 15 mA, VBE ( off ) = 2.0 V VCC = 30 V, IC =150 mA, I B1 = IB2 = 15 mA 15 20 225 30 ns ns ns ns
*Pulse Test: Pulse Width 300 s, Duty Cycle 2.0%


▲Up To Search▲   

 
Price & Availability of 2N4402

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X